Part Number Hot Search : 
79C20 P5630 27100 NK80Z AON6280 Z5240B NK80Z NK80Z
Product Description
Full Text Search
 

To Download 399IP80000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROTECTORS CIRCUIT PROTECTORS
No. 399 / IP
Protector, Inrush Protector, 65 V Leadfree
For Short Circuit Protection of Sensitive Electronic Components and Assemblies Time-Current Characteristic
Time Lag (T)
Specifications
Packaging
000: Tape/Ammopack (1400 pcs.) Base/Cap: Brown Thermoplastic Polyamide PA 6.6, UL 94V0 Round Pins: Copper, Sn plated -40 C to +85 C (consider de-rating) -40 C/+85 C/21 days (EN 60068-1,-2-1,-2-2,-78) +10 C to +60 C relative humidity 75 % yearly average, without dew, maximum value for 30 days-95 % 24 cycles at 15 min. each (EN 60068-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10 g acceleration 10N (EN 60068-2-21) 260 C, 3 s (Wave) 350 C, 3 s (Soldering Iron) 260 C, 10 s (IEC 60068-2-20) , Type
Materials
Approval
Temperature Operating Temperature Climatic Category Stock Conditions
cULus Recognized Maximum continuous current: IC > Ioperating max x F T time lag Minimum fault current: IFault > 3 x I C Maximum fault current: IFault < 50A at 65VAC/DC
Operating Criteria
Dimensions (mm)
8,5
max. 8
max. 4
Vibration Resistance
0,5 min
18,8
0,6
1,5
Features
5,08
1 +0,1
For worldwide applications Reduced PCB space requirements Highly defined cut-off times Irreversible physical separation Low internal resistance Flame resistant encapsulated casing
Lead Pull Strength Solderability
Soldering Heat Resistance
Holes in PCB
Marking Unit Weight
0.60 g (approx.)
125 mA 160 mA 200 mA 250 mA 315 mA 400 mA 500 mA 630 mA 800 mA 1.00 A 1.25 A 1.60 A 2.00 A 2.50 A 3.15 A 4.00 A
IP 13 IP 16 IP 20 IP 25 IP 32 IP 40 IP 50 IP 63 IP 80 IP100 IP125 IP160 IP200 IP250 IP315 IP400
0125 0160 0200 0250 0315 0400 0500 0630 0800 1100 1125 1160 1200 1250 1315 1400
65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V 65 V
50 A / 65 V AC/DC 50-60 Hz cos = 1.0
1600 1100 775 550 330 265 190 130 92 65 47 33 23 17 13 10
125 140 155 170 190 220 240 265 300 330 370 420 460 520 580 650
0.13 0.2 0.29 0.42 0.62 0.92 1.4 2 3 4.3 6.5 9.8 14 20 40 75
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Order Information
032906
Qty.
OrderNumber
Series 399
Amp Code
Packaging
Specifications are subject to change without notice www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
cURus
* * * * * * * * * * * * * * * *
Permissible continuous operating current is 10 0 % at ambient temperature of 23 C (73.4 F). 100 Continous Type Amp Voltage Fault Cold Resistance Power Dissipation Melting Integral Current Code Rating Current 0.1 x IC 1.0 x IC 10 x IC IC max. typ. (m) max. (mW) typ. (A2s)
Approvals
PROTECTORS
IP / No. 399
I-t Characteristics
(Min-Max Limit) Test value
Time (sec.)
00 0,0 10 ,00 10 0 0 1,0 0 10 0 10 1 0.1 1 0.0 01 0.0
1
1.5
2
3
4
5
6
7 8 9 10
15
I Fault / I Rated
Contact Littelfuse for individual I-t curves
032906
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 399IP80000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X